PART |
Description |
Maker |
PE7204-60 |
60 dB Fixed Attenuator, 7/16 DIN Female To 7/16 DIN Female Directional Rated To 100 Watts Up To 6 GHz
|
Pasternack Enterprises, Inc.
|
DIN-48FS-S33-A1CX |
DIN TYPE 1/2 C FEMALE
|
Adam Technologies, Inc.
|
DIN-48FR-S33-A1C2 |
DIN TYPE 1/2 R FEMALE
|
Adam Technologies, Inc.
|
DBCDINF96CABC1S2 DBCDINF96CABC1S3 DBCDINF96CABCS2 |
DIN 41612 TYPE C - FEMALE
|
Dubilier
|
DBCDINF16HCABC1S2 DBCDINF16HCABC1S3 DBCDINF16HCABC |
DIN 41612 TYPE HALF C (HC) - FEMALE
|
Dubilier
|
DBCDINF16HRAC1RA2 DBCDINF32HRAC1RA2 DBCDINF24HRAC1 |
DIN 41612 TYPE HALF R (REVERSED) - FEMALE DIN 41612 TYPE HALF R (REVERSED) - FEMALE
|
Dubilier
|
AB440 |
ADAPTOR DIN 5PIN FEMALE-MINI DIN 6PIN MALE
|
Assmann Electronics Inc.
|
PE7042-30 |
30 dB Fixed Attenuator, 7/16 DIN Male To 7/16 DIN Female Directional Aluminum Heatsink Black Anodized Body Rated To 50 Watts Up To 7.5 GHz
|
Pasternack Enterprises, Inc.
|
6257 |
7/16 DIN Adapter 7/16 DIN Male To N Female
|
Pomona Electronics
|
PE7359-20 |
20 dB Fixed Attenuator, SMA Female To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
|
Pasternack Enterprises, Inc.
|
PE7359-10 |
10 dB Fixed Attenuator, SMA Female To 7/16 DIN Female Rated To 25 Watts Up To 7.5 GHz
|
Pasternack Enterprises, Inc.
|
PE7321-3 |
3 dB Fixed Attenuator, 7/16 DIN Female To N Female Directional Rated To 50 Watts Up To 18 GHz
|
Pasternack Enterprises,...
|